PART |
Description |
Maker |
FAN2502 FAN2503S285 FAN2502S27 FAN2502S25 FAN2503S |
150 mA CMOS LDO Regulators Pch Power MOSFET; ; Package: PS-8; Number Of Pins: 8; R DS On (Ω): (max 0.09) (max 0.041) (max 0.03); I_S (A): (max -5.6) Pch Power MOSFET; Surface Mount Type: Y; Package: SOP-8; Application Scope: mobile; R DS On (Ω): (max 0.03) (max 0.02); I_S (A): (max -10) Pch Power MOSFET; Surface Mount Type: N; Package: VS-6; R DS On (Ω): (max 0.09) (max 0.055) (max 0.035); I_S (A): (max -5.5) Pch Power MOSFET; Surface Mount Type: Y; Package: VS-8; Application Scope: mobile; R DS On (Ω): (max 0.3) (max 0.16) (max 0.11); I_S (A): (max -2.7)
|
Fairchild Semiconductor
|
BCX56 BCX56135 |
80 V, 1 A NPN medium power transistors - fT min: 130 MHz; hFE max: 250 ; hFE min: 40 ; I<sub>C</sub> max: 1000 mA; Polarity: NPN ; Ptot max: 1300 mW; VCEO max: 80 V; Package: SOT89 (MPT3; UPAK); Container: Tape reel smd
|
NXP SEMICONDUCTORS Philips
|
FAN2501S33 FAN2500S |
Pch Power MOSFET; Surface Mount Type: N; Package: TFP; R DS On (Ω): (max 0.12) (max 0.09); I_S (A): (max -18) 积极的固定电压稳压器
|
HIROSE ELECTRIC Co., Ltd.
|
2PC4081S135 |
NPN general-purpose transistor - Complement: 2PA1576S ; fT min: 100 MHz; hFE max: 560 ; hFE min: 270 ; I<sub>C</sub> max: 100 mA; Polarity: NPN ; Ptot max: 200 mW; VCEO max: 40 V; Package: SOT323 (SC-70); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
2PA1774Q115 |
PNP general-purpose transistor - Complement: 2PC4617Q ; fT min: 100 MHz; hFE max: 270 ; hFE min: 120 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 150 mW; VCEO max: 40 V; Package: SOT416 (SC-75); Container: Tape reel smd
|
NXP SEMICONDUCTORS
|
1503 1503J 1503-100A 1503-100B 1503-100C 1503-120B |
Max delay 35 ns, Mechanically variable delay line Max delay 250 ns, Mechanically variable delay line Max delay 150 ns, Mechanically variable delay line Max delay 130 ns, Mechanically variable delay line Max delay 80 ns, Mechanically variable delay line Max delay 60 ns, Mechanically variable delay line Max delay 50 ns, Mechanically variable delay line Max delay 40 ns, Mechanically variable delay line Max delay 30 ns, Mechanically variable delay line Max delay 25 ns, Mechanically variable delay line Max delay 20 ns, Mechanically variable delay line Max delay 200 ns, Mechanically variable delay line Max delay 160 ns, Mechanically variable delay line Max delay 15 ns, Mechanically variable delay line Max delay 140 ns, Mechanically variable delay line Max delay 120 ns, Mechanically variable delay line Max delay 100 ns, Mechanically variable delay line Mechanically variable passive delay line
|
Data Delay Devices Inc
|
OP-27EIH OP-27EIJ8 OP-27EIN8 OP-27GIH OP-27GIN8 OP |
OP-AMP, 3000 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 80 uV OFFSET-MAX, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, PDIP8 PLASTIC, DIP-8 OP-AMP, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, CDIP8 HERMETIC SEALED, CERDIP-8 OP-AMP, 80 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 180 uV OFFSET-MAX, MBCY8 METAL CAN, TO-5, 8 PIN OP-AMP, 750 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 250 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 500 uV OFFSET-MAX, PDIP8 PLASTIC, DIP-8 OP-AMP, 60 uV OFFSET-MAX, MBCY DUAL OP-AMP, 150 uV OFFSET-MAX, PDIP DUAL OP-AMP, 100 uV OFFSET-MAX, PDSO DUAL OP-AMP, 1500 uV OFFSET-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
PMBTA92 PMBTA92215 PMBTA92-T |
100 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB PNP high-voltage transistor - Complement: PMBTA42 ; fT min: 50 MHz; hFE max:>40 ; hFE min: 40 ; I<sub>C</sub> max: 100 mA; Polarity: PNP ; Ptot max: 250 mW; VCEO max: 300 V; Package: SOT23 (TO-236AB); Container: Tape reel smd
|
NXP Semiconductors
|
RQD-1.805 RQS RQS-93.3 RQD-1.809 RQD-1.81.8 RQD-1. |
0.25 Watt SMD Single & Dual Output N-Channel Small Signal MOSFETs (20V
800V); Package: PG-SOT23-3; Package: SOT-23; VDS (max): 55.0 V; RDS (on) (max) (@10V): 650.0 mOhm; RDS (on) (max) (@4.5V): 825.0 mOhm; RDS (on) (max) (@2.5V): -; 0.25 Watt SMD Single & Dual Output 0.25瓦特贴片 CAP Tantalum-Wet Miniature 6V 22.0 uF /-20% Silver can Axial , TPC - Hilton 0.25瓦特贴片
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
HT1260/26OG6 |
2.6kV V[drm] Max., 1260A I[T] Max. Silicon Controlled Rectifier
|
Herrmann
|
FAN1585A FAN1585AM-1.5 FAN1585AMC-1.5 FAN1585AT-1. |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 From old datasheet system FETs - Nch 500VFETs - Nch 500VFETs - Nch 500V |
FAIRCHILD SEMICONDUCTOR CORP
|
|